tls.510. vishay semiconductors 1 (7) rev. a3, 05-oct-00 www.vishay.com document number 83051 symbol led, 2.5 x 5 mm flat tinted top-diffused package color type technology angle of half intensity red tlsh510. gaasp on gap 50 yellow tlsy510. gaasp on gap 50 green tlsg510. gap on gap 50 description this series was developed for use as compact surface display. it is housed in a 2.5x5 mm rectangular molded package. this device has a flat tinted, top diffused package for uniform brightness when used in panels. the symbol leds are available in three bright colors: high efficiency red, yellow and green. features choice of three bright colors uniform illumination luminous intensity selected into groups suitable for dc and pulse operation flat light emitting surface direct symbol indication is possible yellow and green color categorized wide viewing angle 96 11497 applications status lights background illumination maintenance lights indicator of audio and visual equipment off / on indicator readout lights legend lights illumination of moving boards absolute maximum ratings t amb = 25 c, unless otherwise specified tlsh510. , tlsy510. , tlsg510. , parameter test conditions symbol value unit reverse voltage v r 6 v dc forward current i f 30 ma surge forward current t p 10 s i fsm 1 a power dissipation t amb 65 c p v 100 mw junction temperature t j 100 c operating temperature range t amb 40 to +100 c storage temperature range t stg 55 to +100 c soldering temperature t 5 s, 2 mm from body t sd 260 c thermal resistance junction/ambient r thja 350 k/w
tls.510. vishay semiconductors 2 (7) rev. a3, 05-oct-00 www.vishaycom document number 83051 optical and electrical characteristics t amb = 25 c, unless otherwise specified red ( tlsh510. ) parameter test conditions type symbol min typ max unit luminous intensity 1) i f =10ma tlsh5100 i v 0.63 1.5 mcd luminous intensity 1) i f = 10 ma tlsh5101 i v 1 2 mcd dominant wavelength i f = 10 ma d 640 nm peak wavelength i f = 10 ma p 650 nm angle of half intensity i f = 10 ma j + 50 deg forward voltage i f = 20 ma v f 2 3 v reverse voltage i r = 10 a v r 6 15 v junction capacitance v r = 0, f = 1 mhz c j 50 pf 1) in one packing unit i v min./ i v max. 0.5 yellow ( tlsy510. ) parameter test conditions type symbol min typ max unit luminous intensity 1) i f =10ma tlsy5100 i v 0.4 1 mcd luminous intensity 1) i f = 10 ma tlsy5101 i v 1 3 mcd dominant wavelength i f = 10 ma d 581 594 nm peak wavelength i f = 10 ma p 585 nm angle of half intensity i f = 10 ma j + 50 deg forward voltage i f = 20 ma v f 2.4 3 v reverse voltage i r = 10 a v r 6 15 v junction capacitance v r = 0, f = 1 mhz c j 50 pf 1) in one packing unit i v min./ i v max. 0.5 green ( tlsg510. ) parameter test conditions type symbol min typ max unit luminous intensity 1) i f =10ma tlsg5100 i v 0.4 1 mcd luminous intensity 1) i f = 10 ma tlsg5101 i v 1 2 mcd dominant wavelength i f = 10 ma d 562 575 nm peak wavelength i f = 10 ma p 565 nm angle of half intensity i f = 10 ma j + 50 deg forward voltage i f = 20 ma v f 2.4 3 v reverse voltage i r = 10 a v r 6 15 v junction capacitance v r = 0, f = 1 mhz c j 50 pf 1) in one packing unit i v min./ i v max. 0.5
tls.510. vishay semiconductors 3 (7) rev. a3, 05-oct-00 www.vishay.com document number 83051 typical characteristics (t amb = 25 c, unless otherwise specified) 020406080 0 25 50 75 100 125 p power dissipation ( mw ) v t amb ambient temperature ( c ) 100 95 10918 figure 1. power dissipation vs. ambient temperature 0 10 20 30 40 60 020406080 i forward current ( ma ) f t amb ambient temperature ( c ) 100 95 10046 50 figure 2. forward current vs. ambient temperature 0.01 0.1 1 10 1 10 100 1000 10000 t p pulse length ( ms ) 100 95 10079 i forward current ( ma ) f t p /t=0.01 0.02 0.05 0.1 0.2 1 0.5 t amb 65 c figure 3. forward current vs. pulse length 0.4 0.2 0 0.2 0.4 0.6 95 10082 0.6 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 i relative luminous intensity v rel figure 4. rel. luminous intensity vs. angular displacement 02468 0.1 1 10 100 1000 10 96 11593 v f forward voltage ( v ) i forward current ( ma ) f red t p /t=0.001 t p =10 s figure 5. forward current vs. forward voltage 0 0 0.4 0.8 1.2 1.6 96 11594 20 40 60 80 100 i relative luminous intensity v rel t amb ambient temperature ( c ) red i f =10ma figure 6. rel. luminous intensity vs. ambient temperature
tls.510. vishay semiconductors 4 (7) rev. a3, 05-oct-00 www.vishaycom document number 83051 10 20 50 100 200 0 0.4 0.8 1.2 1.6 2.4 96 11595 500 0.5 0.2 0.1 0.05 0.02 1 i f (ma) t p /t i relative luminous intensity v rel 2.0 red i fav =10ma, const. figure 7. rel. lumin. intensity vs. forw.current / duty cycle 110 0.01 0.1 1 10 i f forward current ( ma ) 100 96 11596 i relative luminous intensity v rel red figure 8. rel. luminous intensity vs. forward current 600 620 640 660 680 0 0.2 0.4 0.6 0.8 1.2 700 96 11597 i relative luminous intensity v rel wavelength ( nm ) 1.0 red figure 9. rel. luminous intensity vs. wavelength 02468 0.1 1 10 100 1000 10 95 10030 v f forward voltage ( v ) i forward current ( ma ) f yellow t p /t=0.001 t p =10 s figure 10. forward current vs. forward voltage 0 0 0.4 0.8 1.2 1.6 95 10031 20 40 60 80 100 i relative luminous intensity v rel t amb ambient temperature ( c ) yellow i f =10ma figure 11. rel. luminous intensity vs. ambient temperature 10 20 50 100 200 0 0.4 0.8 1.2 1.6 2.4 95 10260 500 0.5 0.2 0.1 0.05 0.02 1 i f (ma) t p /t i relative luminous intensity v rel 2.0 yellow figure 12. rel. lumin. intensity vs. forw. current/duty cycle
tls.510. vishay semiconductors 5 (7) rev. a3, 05-oct-00 www.vishay.com document number 83051 110 0.01 0.1 1 10 i f forward current ( ma ) 100 95 10033 i relative luminous intensity v rel yellow figure 13. relative luminous intensity vs. forward current 550 570 590 610 630 0 0.2 0.4 0.6 0.8 1.2 650 95 10039 i relative luminous intensity v rel wavelength ( nm ) 1.0 yellow figure 14. relative luminous intensity vs. wavelength 02468 0.1 1 10 100 1000 10 95 10034 v f forward voltage ( v ) i forward current ( ma ) f t p /t=0.001 t p =10 s green figure 15. rel. luminous intensity vs. ambient temperature 0 0 0.4 0.8 1.2 1.6 95 10035 20 40 60 80 100 i relative luminous intensity v rel t amb ambient temperature ( c ) i f =10ma green figure 16. rel. luminous intensity vs. ambient temperature 10 20 50 100 200 0 0.4 0.8 1.2 1.6 2.4 95 10263 500 v rel 2.0 green i specific luminous intensity i f forward current ( ma ) figure 17. specific luminous intensity vs. forward current 110 0.01 0.1 1 10 i f forward current ( ma ) 100 95 10037 i relative luminous intensity v rel green figure 18. relative luminous intensity vs. forward current
tls.510. vishay semiconductors 6 (7) rev. a3, 05-oct-00 www.vishaycom document number 83051 520 540 560 580 600 0 0.2 0.4 0.6 0.8 1.2 620 95 10038 i relative luminous intensity v rel wavelength ( nm ) 1.0 green figure 19. relative luminous intensity vs. wavelength dimensions in mm 95 11326
tls.510. vishay semiconductors 7 (7) rev. a3, 05-oct-00 www.vishay.com document number 83051 ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( odss ). the montreal protocol ( 1987 ) and its london amendments ( 1990 ) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2 . class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency ( epa ) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c ( transitional substances ) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 ( 0 ) 7131 67 2831, fax number: 49 ( 0 ) 7131 67 2423
|